Part Number Hot Search : 
BC548 1N4616D 501B2 ATMEGA32 020RL HT3001 SFH4590 74HC221D
Product Description
Full Text Search
 

To Download K3520PQ-XH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2010. 4. 29 1/3 semiconductor technical data K3520PQ-XH common-drain dual n-channel enhancement mode field effect transistor revision no : 0 general description the K3520PQ-XH is a dual n-channel mosfet designed for use as a bi-directional load switch, facilitated by its common-drain configuration. features ? low on-state resistance r ds(on)1 = 16m ? max (v gs =4.5v, i s =1.0a) r ds(on)2 = 17m ? max (v gs =3.9v, i s =1.0a) r ds(on)3 = 20m ? max (v gs =3.5v, i s =1.0a) maximum rating (ta=25 ? unless otherwise noted) g1 rg rg d s1 g2 d s2 180 10 m + _ 2000 1080 g2 s2 s1 g1 bottom : common drain characteristic symbol rating unit drain-source voltage v dss 24 v gate-source voltage v gss ?? 12 v storage temperature range t stg -55 ?- 150 ? equivalent circuit
2010. 4. 29 2/3 K3520PQ-XH revision no : 0 electrical characteristics (ta=25 ? unless otherwise noted) characteristic symbol test condition min typ max unit drain to source breakdown voltage v (br)dss i d = 250 a, v gs = 0v 24 - - v gate to source breakdown voltage v (br)gss i g = ?? 100 ? , v ds = 0v ?? 12 ?? 14 - v drain cut-off current i dss v ds = 24v, v gs = 0v - - 1.0 ? gate to source leakage current i gss v gs = ?? 12v, v ds = 0v - - ?? 10 ? gate to source threshold voltage v th v ds =v gs, i d =250 a 0.5 1.1 1.5 v drain to source on resistance r ds(on) v gs = 4.5v, i d = 1.0a - 12.5 16.0 m ? v gs = 3.9v, i d = 1.0a - 13.5 17.0 m ? v gs = 3.5v, i d = 1.0a - 15.0 20.0 m ? gate resistance r g f=1mhz - 3.0 - k ? input capacitance c iss v ds = 10v, v gs = 0v, f=1mhz - 600 - pf output capacitance c oss - 115 - reverse transfer capacitance c rss - 83 - total gate charge q g v dd =10v, v gs =3.9v, i s =4.0a - 6.0 - nc gate-source charge q gs - 0.8 - gate-drain charge q gd - 2.5 - source-drain forward voltage v sd v gs = 0v, i s = 1.0a 0.50 0.70 0.86 v
2010. 4. 29 3/3 K3520PQ-XH revision no : 0 2000 1080 g2 s2 s1 g1 bottom : common drain die information contents v alue wafer size 8 inch notch type wafer thickness 180um front metal a -4um back metal ti/ni/ag-1.4um passivation layer yes die size (with scribe lane) 2000 ?? 1080 - 2 scribe lane width 60 - gate pad size 170 ?? 163 - 2 die edge to gate pad 93 - die edge to source pad 70 - gross die(per wafer) 13,470ea


▲Up To Search▲   

 
Price & Availability of K3520PQ-XH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X